Part Number Hot Search : 
BPR58C DE347E SMAJ5928 SFU450 T88SC UC3637Q D150M V16X1
Product Description
Full Text Search
 

To Download MSC1208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2C0019-27-Y5
Semiconductor MSC1208
Semiconductor
This version: Nov. 1997 MSC1208 Previous version: Jul. 1996
23-bit 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
GENERAL DESCRIPTION
The MSC1208 is a Bi-CMOS display driver for 1/2-duty vacuum fluorescent display tube. It consists of 58-bit shift registers, latch circuits, a 10-bit digital dimming circuit, 4 4 switch matrix, and a keyscan circuit for 2-channel, 3-contact rotary switch. With these features, the MSC1208 not only can display frequencies for audio systems used in automobile applications and various information, but also can accept keyboard entry. Thus the front panel functions can be carried out only by this IC. Since the MSC1208 has the data parity check function and the self-check functions, inspection at shipment and failure detection can easily be performed. In addition, since the MSC1208 uses serial interfacing, only two signal lines, DATA ENABLE and DATA I/O, are used for connection with a microcontroller.
FEATURES
* Power supply voltage : VDD=8 to 18V (Built-in 5V-regulator for logic) * Operating temperature range : -40 to 85C * Directly drives 23 segments : IOH=-8.8mA, Max. at VOH=VDD-0.8V * Built-in 4 4 switch matrix and key scan circuit for 2ch, 3-contact switching * Built-in digital dimming circuit with 10-bit resolution * Data parity check function * Self-check function (segment ON/OFF at intervals of about 1 second in test mode) * Built-in RC oscillator (capacitor is connected externally) * Built-in power-on reset circuit * Package: 42-pin plastic shrink DIP (SDIP42-P-600-1.78) : (Product name : MSC1208SS) indicates the code number.
1/14
Semiconductor
MSC1208
BLOCK DIAGRAM
SEG1 SEG23
VDD POR GND Regulator 5V PWMOUT DATA ENABLE 2 DATAI/O Parity Checker Parity Generator L bit56 to 1 56 56
Segment Driver
46AE23 Segment Control bit 46 to 24 (Grid2) 46 bit Latch bit1 bit 23 to 1 (Grid1)
bit47 bit46 D bit58, 57 bit56 Parity Dimming data Display data 58 bit Shift Register CR
bit56 to 47 OSC OSC Timing Generator Grid Pre-driver GRID1 GRID2
10-bit Presetable Down Counter SI C
PWM
to PWM OUT
58-bit Shift Register (26-bit presetable+32-bit"1")
out PE
S 4
S 4
S 4
S 4
S 8
S 2
Parity Generator Rotary Direction Checker & Up/down Counter
Vreg L 4-bit TEST 4
Latch
L 4-bit 4
Latch
4-bit 4-bit L Latch L Latch
L 3-bit 3
4
4 Col4 to 7
Latch L 3-bit Latch
3 Col1 to 3
Timing Generator Row 4 3 2 1
Detector w/debounce
Col 7 6 5 4 3 2 1 With100kW pull-up resistor
2/14
Semiconductor
MSC1208
PIN CONFIGURATION (TOP VIEW)
SEG18 1 SEG19 2 SEG20 3 SEG21 4 SEG22 5 SEG23 6 ROW1 7 ROW2 8 ROW3 9 ROW4 10 COL1 11 COL2 12 COL3 13 COL4 14 COL5 15 COL6 16 COL7 17 DATA ENABLE 18 DATAI/O 19 GND 20 OSC 21 42 VDD 41 SEG17 40 SEG16 39 SEG15 38 SEG14 37 SEG13 36 SEG12 35 SEG11 34 SEG10 33 SEG9 32 SEG8 31 SEG7 30 SEG6 29 SEG5 28 SEG4 27 SEG3 26 SEG2 25 SEG1 24 GRID2 23 GRID1 22 TEST
42-Pin Plastic Shrink DIP
3/14
Semiconductor
MSC1208
PIN DESCRIPTIONS
Pin 42 20 19 Symbol Type VDD GND DATA -- -- I/O Description Power Sypply Voltage. A 12V power supply is connected. Ground. 0V is applied. Serial data input-output. Enters the input mode when a "H" level signal is input to DATA ENABLE; enters the output mode when a "L" level signal is input to DATA ENABLE. Serial clock input. During the "H" level of clock pulse, the input data of the DATA I/O pin (display data or dimming data) is read, and during the "L" level of clock pulse, the output data (key swich data) is output to the DATA I/O pin. Input for the key matrix. These pins are "L" active. When these keys are in the inactive state, these pins are at "H" level through the internal pull-up resistors. COL1 to COL3 are for the rotary switch and COL4 to COL7 are for the push-button switch. Signal outputs for scanning key matrix. Normally, ROW1 to ROW4 output a "I" level. Key scanning is executed only once when a transfer of the rotary switch contact or pressing down or release of the push-button switch is detected. Key scanning is continued if the rotary switch contact is in the open state after this one-time scanning. Then, scanning stops when the rotary switch contact makes connection with any of the selective contacts. After key scanning is stopped, ROW1 to ROW4 return to a "L" level. RC oscillator connection. A capacitor is connected between GND and this pin. Segment signal output. Inverted GRID signal output. This signal is connected to an external grid driver (e.g., PNP transistor) input. Input for test. Since this pin has as internal a pull-up resistor, leave this pin open or pull it up for use. When a "L" level signal is input, all segment outputs go on and off at intervals of 1 second.
18
DATA ENABLE
I
11 to 17
COL1 to 7
I
7 to 10
ROW1 to 4
O
21 OSC 25 to 41, SEG1 to 23 1 to 6 23 , 24 GRID1,2 22 TEST
I/O O O I
4/14
Semiconductor
MSC1208
ABSOLUTE MAXIMUM RATINGS
Parameter Power Supply Voltage Input Voltage Storage Temperature Power Dissipation Symbol VDD VIN TSTG PD Condition -- -- -- Ta=85C Rating -0.3 to+20 -0.3 to+6 -55 to+150 400 Unit V V C mW
RECOMENDED OPERATING CONDITIONS
Parameter Power Supply Voltage Operating Temperature "H" Input Voltage (1) "H" Input Voltage (2) "L" Input Voltage (1) "L" Input Voltage (2) Oscillation Frequency DATA ENABLE Frequency DATA ENABLE Pulse Width DATA ENABLE Rise Time DATA ENABLE Fall Time Data Delay Time Input Data Valid Time Output Data Valid Time Frame Frequency Symbol VDD Top VIH1 VIH2 VIL1 VIL2 fOSC fE tW tRE tFE tX tDV1 tDV2 fFR Condition -- -- DATA ENABLE, TEST DATA I/O DATA ENABLE, TEST DATA I/O C=68pF Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 3 Min. 8 -40 3.8 4.0 0 0 256 -- 360 -- -- -- 200 150 -- Typ. -- -- -- -- -- -- 512 -- -- -- -- -- -- -- 250 Max. 18 85 5.5 5.5 0.8 1.2 768 1.3 -- 20 20 20 -- -- -- Unit V C V V V V kHz kHz ms ms ms ms ms ms Hz
5/14
Semiconductor
MSC1208
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Ta=-40 to+85C,VDD=8 to 18V) Parameter "H" Input Voltage "H" Input Voltage (2) "L" Input Voltage (1) "L" Input Voltage (2) "H" Input Current (1) "H" Input Current (2) "L" Input Current (1) "L" Input Current (2) "H" Output Voltage (1) "H" Output Voltage (2) "L" Output Voltage (1) Symbol VIH1 VIH2 VIL1 VIL2 IIH1 IIH2 IIL1 IIL2 VOH1 VOH2 VOL1 Condition DATA ENABLE, TEST DATA I/O DATA ENABLE, TEST DATA I/O VIN=5V, DATA ENABLE, DATA I/O VIN=5V, COL1 to 7, TEST VIN=0V, DATA ENABLE, DATA I/O VIN=0V,COL1 to 7, TEST IOH1=-3mA, SEG1 to 17, VDD=13.8V IOH2=-8mA, SEG18 to 23, VDD=13.8V VDD=13.8V, All SEG pins IOL=500mA IOL=200mA IOL=2mA VDD=13.8V, IOL=10mA, GRID1,2 VDD=13.8V, IOL=200mA, ROW1 to 4 VDD=13.8V, IOL=2mA, DATA I/O fosc=512kHz, No Load Min. 3.8 4.0 -- -- -5 -30 -5 -15 13 13 -- -- -- -- -- -- -- Max. -- -- 0.8 1.2 5 30 5 -160 -- -- 2 1 0.3 0.8 0.8 1.2 20 Unit V V V V mA mA mA mA V V V V V V V V mA
"L" Output Voltage (2) "L" Output Voltage (3) "L" Output Voltage (4) Current Consumption
VOL2 VOL3 VOL4 IDD
AC Characteristics
(Ta=-40 to+85C, VDD=8 to 18V) Parameter DATA ENABLE Frequency DATA ENABLE Pulse Width DATA ENABLE Rise Time DATA ENABLE Fall Time Data Delay Time Input Data Valid Time Output Data Valid Time Output Data Active-to-High-Impedance Time Output Through Rate (SEG, GRID) DATA ENABLE Setup Time Oscillation Frequency Symbol fE tW tRE tFE tX tDV1 tDV2 tHZ tR tSE fOSC Condition Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 Refer to Fig. 1 CL=100pF, t=20 to 80% or 80 to 20% of VDD Refer to Fig. 2 C=68pF Min. -- 360 -- -- -- 200 150 -- -- 300 256 Max. 1.3 -- 20 20 20 -- -- 5 5 -- 768 Unit kHz ms ms ms ms ms ms ms ms ms kHz
Key Scan Characteristics
Parameter Key Scan Time Key Scan Width Symbol tKS tSW Condition Refer to Fig. 4 Refer to Fig. 4 Min. 164 41 Typ. 250 62.5 Max. 500 125 Unit ms ms
6/14
Semiconductor
MSC1208
TIMING DIAGRAM
fE tw tRE DATA ENABLE tDV1 DATA I/O (INPUT) tx Hi-z Hi-z tDV2 tx DATA I/O (OUTPUT) Hi-z VALID tHZ Hi-z tFE tw
VALID
VALID
Figure 1. Data Input-Output Timing
8V VDD tSE
DATA ENABLE
Figure 2. Power-ON Reset Timing
7/14
Semiconductor
1 Frame 2048-bit time (250Hz typ.) GRID1 8-bit time GRID2 1016-bit time max. 3-bit time
MSC1208
SEG1-23 1019-bit time max. 5-bit time
Figure 3. SEG and GRID Output Timing Note: 1. Shown above is the timing when the duty ratio of digital dimming is 1016/1024. 2. The grid and segment ON time is set by 10-bit digital dimming data. 3. 1-bit time=TOSC(=1/fOSC)=1.95 ms typ.
Key Scan Time ROW1 Scan pulse width ROW2
ROW3
ROW4
Figure 4. Key Scan Timing
8/14
Semiconductor
MSC1208
FUNCTIONAL DESCRIPTION
Key Scan In the case of the push-button switch, key scanning is started only when depression or release of the key is detected for the purpose of minimizing noise caused by scanning signal. Then, after completion of 1-cycle scanning, all the ROW outputs return to a "L" level. The push-button switch input pins (COL4-COL7) are connected to a chattering absorption circuit that absorbs chattering with the chattering time about 25ms (typ.), so input signals shorter than 25ms are ignored. Because of this, key scanning is started about 25ms after key input. In the case of the rotary switch, key scanning is started only once when a transfer of the rotary switch contact or pressing down or release of the push-button switch is detected. Key scanning is continued if the rotary switch contact is in the open state after this one-time scanning. Then, scanning stops when the rotary switch contact makes connection with any of the selective contacts. After that, all "L" outputs return to a "L" level. The rotary switch input pins (COL1-COL3) have an internal chattering absorption circuit that absorbs chattering with the chattering time about 1ms (typ.), so input signals shorter than 1ms are ignored. Because of this, key scanning is started about 1ms after a change in switch status. The switch data is stored in the internal latch circuit, and then transferred to the output register at the rising edge of the first pulse of DATA ENABLE. The switch data consists of 16-push button switch data (S1-S16) and 2-rotary switch data (RS1 and RS2). The rotary switch data consists of 3 bits for contact-transfer count and 1-bit for rotating direction. Since the maximum transfer count is "111" in binary, a transfer is counted up to seven times. The rotating direction bit is "0" for the regular direction and "1" for the opposite direction. [Rotating direction] Regular direction : R11AER12AER13AER11 Opposite direction : R13AER12AER11AER13 (See figure below)
ROW1 ROW2 ROW3 ROW4 COL1 COL2 COL3 S1 S5 S9 S13 COL4 S2 S6 S10 S14 COL5 S3 S7 S11 S15 COL6 S4 S8 S12 S16 COL7
Figure 5. Key Matrix
COL1 R11 ROW1 R12 R13 COL2 COL3
Figure 6. Rotary Switch Section (RS1) 9/14
Semiconductor Digital Dimming
MSC1208
The segment and grid ON time can be controlled in the range of 0/1024 (=0%) to 1016/1024 (=99.2%) duty by 10-bit digital dimming data. (See Figure 3, "SEG and GRID Output Timing.") Data Transfer The input data (display data or dimming data) from DATA I/O is read into the internal register after the DATA ENABLE input level changes from "L" to "H". The output data (key switch data) is output to the DATA I/O pin after the DATA ENABLE input level changes from "H" to "L". Using this method, bidirectional serial communication using two signal lines, DATA ENABLE and DATA I/O, can be made. The transfer data consists of 58 bits including 2-bit parity bit. Data transfer is completed if no parity error occurs after the 58-bit data has been transferred to the internal register. If a parity error occurs, the previously transferred data (display data or dimming data) is remained. If an abnormality occurs in the DATA ENABLE line and no signal pulse is input for 10ms 5ms or more, the data transfer is terminated even if it is in progress. Then, when the next pulse is input, it is identified as the first pulse. Diagnositc Function 1. Parity Bit 57 and bit 58 (PO and PI) of the input data are used for parity check. For the output data, parity is internally generated to add parity bit to bits 25 and 26. The parity value is, for both input and output, "P0, P1=1, 1" when a total number of "1"s (or "0"s) is even, and "P0, P1=0, 0" when it is odd. 2. Default mode This device enters the default mode if no pulse is input to DATA ENABLE for about 1 second or if a parity error keeps occurring for about 1 second. In this mode, at the state of keeping the contents of the dimming data before entering the default mode, the two segment outputs (SEG1, SEG2) only go ON. This state is reset if no parity error is detected after the data has been transferred. 3. Self test When the TEST pin is set to a "L" level, all segment outputs go on and off at intervals of about 1 second. At this time, the duty ratio for both segment and grid outputs becomes the maximum (99.2%). Power-On Reset When power is turned on, this device is initialized by the internal power-on reset circuit. Then, about 1second after the initialization, the device enters the default mode. At this time, the SEG1 and SEG2 segments go ON with the maximum duty ratio (99.2%). This state is reset if no parity error is detected after the data has been transferred.
10/14
Semiconductor Input-Output Configuration 1. Input data (58 bits)
Bit DATA 58 57 56 55 to P1 P0 10 9 PARITY to 48 47 46 45 to 2 1 46 45 to 2 2 1 1 First in
MSC1208
Dimming DATA
Display DATA
[Correspondence between input data (Display data) and SEG, GRID]
Display DATA SEG NO. GRID NO. 1 to 23 SEG1 to SEG23 GRID1 24 to 26 SEG1 to SEG23 GRID2
[Correspondence between dimming data and duty]
Dimming DATA (LSB) 1 2 3 4 5 6 7 8 9 10 (MSB) 0000000000 to 0001111111 to 1111111111 Duty (%) 0 to 99.2
* For dimming data greater than or equal to 0001111111, the duty is 99.2%. (LSB) (MSB)
[Parity] When the total number of "1"s or "0"s in the display data and dimming data is even, add "P0, P1=1, 1" to input data, and when it is odd, add "P0, P1=0, 0". 2. Output data (58 bits)
Bit DATA 58 to 27 26 25 24 to 9 8 7 6 5 4 3 2 1 First out
ALL"1" P1 P0 S16 to S1 Q23 Q22 Q21 D2 Q13 Q12 Q11 D1 ALL"1" PARITY RS2 DATA 16 SWITCHES RS1 DATA
[Direction bit (Rotary switch rotating direction)] D1, D2=Regular direction: 0, Opposite direction: 1 [Contact transfer count (rotary switch)] Q11(LSB) to 13(MSB), Q21(LSB) to 23(MSB) [Push-butter switch] DS1 to S16=Pressing switch down: 1, Release: 0 [Parity] When the total number of "1"s or "0"s in the key switch data is even, "P0, P1=1, 1" is added to the output, and when it is odd, "P0, P1=0, 0" is added. Note: "1" is output to every bit from bit 27 to bit 58. 11/14
Semiconductor
MSC1208
APPLICATION CIRCUITS
Example of a Basic Application Circuit
*(Note) RS1 RS2
1234 12V 5V Microcomputer ROW VDD GND DATA I/O DATA ENABLE
1234567 COL GRID1 12V
12V MSC1208 TEST GRID2
OSC
SEG1
SEG23
1/2-duty VF display tube
Note: Connect a diode between the rotary switch common contact and selective contacts, as shown in the diagram above.
12/14
Semiconductor Example of Using a Single Rotary Switch
* (Note) RS1
MSC1208
1234 12V 5V Microcomputer DATA I/O DATA ENABLE ROW VDD GND
1234567 COL GRID1 12V
12V MSC1208 TEST GRID2
OSC
SEG1
SEG23
1/2-duty VF display Tube
Note: When using a sigle rotary switch, connect the ROW that is not used (ROW1 or ROW2) and one of COL1 to COL3 via a diode. If no rotary switch is used, connect ROW1 and one of COL1 to COL3 via a diode, and also connect ROW2 and one of COL1 to COL3 via a diode.
13/14
Semiconductor
MSC1208
PACKAGE DIMENSIONS
(Unit : mm)
SDIP42-P-600-1.78
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 4.52 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
14/14


▲Up To Search▲   

 
Price & Availability of MSC1208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X